PART |
Description |
Maker |
CS10.244 |
24V, 10A, SINGLE PHASE INPUT
|
PULS GmbH
|
CP5.241-C1 CP5.241-S1 CP5.241-S2 |
24V, 5A, 120W, SINGLE PHASE INPUT
|
PULS GmbH
|
QS40.241 |
24V, 40A, SINGLE PHASE INPUT
|
PULS GmbH
|
QS20.481 |
48V, 10A, SINGLE PHASE INPUT
|
PULS GmbH
|
ML100.200 |
24V 4.2A, TWO-PHASE INPUT
|
PULS GmbH
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
KBPC10P KBPC1000P KBPC1000PW KBPC1001P KBPC1001PW |
10A SINGLE-PHASE BRIDGE RECTIFIER
|
WTE[Won-Top Electronics]
|
KBU100006 KBU1010 KBU1000 KBU1001 KBU1002 KBU1004 |
10A SINGLE-PHASE BRIDGE RECTIFIER
|
WTE[Won-Top Electronics]
|
BU10-10F BU10-005F BU10-01F BU10-02F BU10-04F BU10 |
10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
|
Frontier Electronics.
|
FC-SERIES FAMFILE00000046 FC-6X FC-10X FC-10Z |
SMPS Chasis Panel Mounting Single Phase (3-10A) fitler For equipment using S.M.P.S.
|
PREMO CORPORATION S.L http://
|